Part Number Hot Search : 
06432 SSFP6N80 STAC9228 TA8025F KK40F160 FA250 BJ12A 12013
Product Description
Full Text Search
 

To Download NSPE-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change NSPE-A series hybrid aluminum electrolytic capacitors rated voltage range 25 ~ 80vdc rated capacitance range 10 ~ 330f operating temp. range -55 ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 minutes @ 20c less than 0.01cv or 3 a whichever is greater working and surge voltage ratings w.v. (vdc) 25 35 50 63 80 s.v. (vdc) 32 44 63 79 100 tan @ 120hz/20c 0.12 0.10 0.08 0.08 0.08 impedance ratio z -25c/z +20c 2 z -55c/z +20c 2.5 load life test @ 105c and rated voltage (10,000 hours) capacitance change within 30% of initial measured value tan and esr less than 200% of specifed max. value leakage current less than specifed max. value characteristics ? cylindrical v-chip construction for surface mounting ? extended load life at high temperature (10,000 hours @ +105c) ? high voltage ratings (25 ~ 80vdc) ? low esr and high ripple current ratings ? 5x6.1mm ~ 10x10.5mm case sizes ? reflow soldering rated up to +260c standard products and case sizes d x l (mm) precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nics electrolytic capacitor catalog. also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your specifc application - process details with nics technical support personnel: tpmg@niccomp.com part number cap. (f) working voltage case size (d x l) mm max. tan 120hz/20c max. esr (m?) at 100khz/20c max. ripple current (ma rms) at 100khz/105c load life hours NSPE-A330m25v5x6.1nlbyf 33 25 5x6.1 0.14 80 900 10,000 NSPE-A560m25v6.3x6.1nlbyf 56 6.3x6.1 0.14 50 1300 10,000 NSPE-A101m25v6.3x8nlbyf 100 6.3x8 0.14 30 2000 10,000 NSPE-A221m25v8x10.5nlbyf 220 8x10.5 0.14 27 2300 10,000 NSPE-A331m25v10x10.5nlbyf 330 10x10.5 0.14 20 2500 10,000 NSPE-A220m35v5x6.1nlbyf 22 35 5x6.1 0.12 100 900 10,000 NSPE-A270m35v6.3x6.1nlbyf 27 6.3x6.1 0.12 60 1300 10,000 NSPE-A470m35v6.3x6.1nlbyf 47 6.3x6.1 0.12 60 1300 10,000 NSPE-A680m35v6.3x8nlbyf 68 6.3x8 0.12 35 2000 10,000 NSPE-A151m35v8x10.5nlbyf 150 8x10.5 0.12 27 2300 10,000 NSPE-A271m35v10x10.5nlbyf 270 10x10.5 0.12 20 2500 10,000 NSPE-A100m50v5x6.1nlbyf 10 50 5x6.1 0.1 120 750 10,000 NSPE-A220m50v6.3x6.1nlbyf 22 6.3x6.1 0.1 80 1100 10,000 NSPE-A330m50v6.3x8nlbyf 33 6.3x8 0.1 40 1600 10,000 NSPE-A680m50v8x10.5nlbyf 68 8x10.5 0.1 30 1800 10,000 NSPE-A101m50v10x10.5nlbyf 100 10x10.5 0.1 28 2000 10,000 NSPE-A100m63v6.3x6.1nlbyf 10 63 6.3x6.1 0.08 120 1000 10,000 NSPE-A220m63v6.3x8nlbyf 22 6.3x8 0.08 80 1500 10,000 NSPE-A330m63v8x10.5nlbyf 33 8x10.5 0.08 40 1700 10,000 NSPE-A560m63v10x10.5nlbyf 56 10x10.5 0.08 30 1800 10,000 NSPE-A220m80v8x10.5nlbyf 22 80 8x10.5 0.08 45 1550 10,000 NSPE-A330m80v10x10.5nlbyf 33 10x10.5 0.08 36 1700 10,000 *see part number system for details rohs compliant includes all homogeneous materials frequency 120hz 1khz 10khz 100khz correction factor 0.1 0.3 0.60 1.00 ripple current frequency correction factors ? meets the requirements of aec-q200* *contact nic for supporting test data
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change NSPE-A 330 m 63v 8x10.5 n lb y f rohs compliant lb=sn-bi finish, 15" reel refow temp. code (n=+260c) size in mm working voltage tolerance code m=20% capacitance code in f, frst 2 digits are signifcant third digit is no. of zeros, r indicates decimal for values under 10 f series part number system suitable for automotive equipment, sourced to special production and inspection at ts-16949 certifed production site NSPE-A series hybrid aluminum electrolytic capacitors dimensions (mm) 0.3mm max. d l case size d 0.5 l max. a, b 0.2 w i 0.2 p 0.2 5x6.1 5 6.1 5.3 0.55 ~ 0.75 2.2 1.5 6.3x6.1 6.3 6.1 6.6 0.55 ~ 0.75 2.6 1.8 6.3x8 6.3 8.0 6.6 0.55 ~ 0.75 2.6 1.8 8x10.5 8.0 10.5 8.3 0.7 ~ 1.1 3.4 3.1 10x10.5 10 10.5 10.3 0.7 ~ 1.1 3.5 4.6 + - i i w p a b part marking series date code voltage code capacitane code e za 33 e 25v v 35v h 50v j 63v k 80v recommended reflow soldering profile* time above 200c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 190c) peak temperature (see table) 260 230 time above 230c (see table) diameter time above 200c time above 217c time above 230c duration at temperature peak temperature allowable refow passes 5 ~ 6.3mm 70 sec. max. 40 sec. max. 30 sec. max. >250c = 5 sec. 260c 2 >250c = 10 sec. 255c 2 8 ~ 10mm >250c = 5 sec. 260c 1 >240c = 10 sec. 245c 2 peak temperature and duration for 5 ~ 6.3mm diameter parts: 1. if peak temperature is +260c the maximum time above +250c is 5 seconds (maximum of two refow passes). 2. if peak temperature is +255c the maximum time above +250c is 10 seconds (maximum of two refow passes). for 8 ~ 10mm diameter parts: 1. if peak temperature is +260c the maximum time above +250c is 5 seconds (maximum of one refow pass). 2. if peak temperature is +245c the maximum time above +240c is 10 seconds (maximum of two refow passes).
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change t a p feeding + - 1.5? +0.1/- 1.75 d b c 1.5+0.1/-0 1.75 + 0.15 t 4 + 0.1 case size a 0.5 b 0.5 c 0.3 d 0.1 p 0.1 t 0.2 t max. 5x6.1 5.7 5.7 12.0 5.5 12.0 6.4 0.4 6.3x6.1 7.0 7.0 16.0 7.5 12.0 6.4 0.4 6.3x8 7.0 7.0 16.0 7.5 12.0 8.4 0.4 8x10.5 8.7 8.7 24.0 11.5 16.0 11.0 0.4 10x10.5 10.7 10.7 24.0 11.5 16.0 11.0 0.4 case size w 1.0 qty per reel 15" (380mm) 5x6.1 14 1,000 6.3x6.1 18 1,000 6.3x8 18 900 8x10.5 26 500 10x10.5 26 500 reel dimensions (mm) taping specifications (mm) 1. both leader and trailer tape: minimum 40mm (1.57") empty carrier tape pockets. 2. leader tape: approximately 20cm of cover tape at leader. 3. connection: maximum 3 connections (slices) per reel. 2mm 0.5mm 13mm 0.5mm 21mm 0.8mm 380mm 2.0mm 50mm min. w 3mm NSPE-A series hybrid aluminum electrolytic capacitors review & compare refow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl standard termination land pattern dim. (mm) + - b b a c case diameter a b c 5 1.5 2.8 1.6 6.3 1.8 3.2 1.6 8 3.1 4.0 2.0 10 4.6 4.1 2.0


▲Up To Search▲   

 
Price & Availability of NSPE-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X